PART |
Description |
Maker |
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
MAZ3051 MAZ3056 MAZ3180 MAZ3027 MAZ3091 MAZ3082 MA |
.250X.032 FEM.QD KRIMP. TAPED (P-1142T) Circular Connector; No. of Contacts:8; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Right Angle Plug; Insert Arrangement:12-8 Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-18 RES 1.6M OHM 1/10W 5% 0603 SMD 12 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Silicon planar type 12.3 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Silicon planar type 12 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Silicon planar type 17.3 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Silicon planar type 22.7 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Silicon planar type 22 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Silicon planar type 9.1 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Silicon planar type 8.8 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
http:// PANASONIC[Panasonic Semiconductor] Panasonic Corporation Panasonic, Corp.
|
19008-0029 19008-0028 19021-0031 19021-0076 |
.187X.032 FLAG QD KRIMP./REEL (BBZ-1148- 2 mm2, BRASS, PUSH-ON TERMINAL .187X.020 FLAG QD KRIMP./REEL (BBZ-1148) 2 mm2, BRASS, PUSH-ON TERMINAL 0.35 mm2, BRASS, PUSH-ON TERMINAL 0.35 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Molex, Inc. MOLEX INC
|
SKY77500 |
SKY77500 iPAC⑩ FEM for Quad-Band GSM / GPRS SKY77500 IPAC⒙ FEM FOR QUAD-BAND GSM / GPRS
|
Skyworks Solutions Inc.
|
354260 |
Fem. Connector E 48 Solder
|
ERNI Electronics
|
101000760003 |
Fem. Conn. C 64 Solder
|
ERNI Electronics
|
NF-BM50 |
N-FEM to BNC-MALE
|
Mini-Circuits
|
2SD1384 2SD1930 2SB1505 2SD2004 2SD1809 2SA1619 2S |
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE From old datasheet system 1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE .2W封装形式的录音晶体管设计为与安使用自动配置MECHINE 2SD1929
|
ROHM[Rohm] ETC Nais(Matsushita Electric Works) Rohm CO.,LTD. Rohm Co., Ltd.
|
SKY77518-21 |
FEM FOR DUAL-BAND GSM/GPRS
|
Skyworks
|
94518-0100 |
HNF FEM TERM BRS UNPL 05-1
|
MOLEX INC
|
AFEM-S102-TR1G |
AFEM-S102 2.5 GHz WiFi/BT FEM
|
AVAGO TECHNOLOGIES LIMITED
|
|